Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB261 Datasheet(PDF) 1 Page - Powerbox

Part # PB261
Description  200-500 WATTS DC/DC SINGLE OUTPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PB261 Datasheet(HTML) 1 Page - Powerbox

  PB261 Datasheet HTML 1Page - Powerbox PB261 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Your dependable power partner – www.powerbox.com.au
113
PB261 Series
200-500 W A TTS DC/DC SINGLE OUTPUT
Features
•
Rugged DC/DC converter for industrial applications
•
24 or 48Vdc input / 12, 24 or 48Vdc output
•
200 to 500W output.
•
Parallel operation to 2kW
•
Input reverse polarity protection
•
Input overvoltage and undervoltage lockout
•
Overtemperature protection
•
Adjustable output voltage
•
DC OK alarm LED and voltage-free contact
•
Low RF emissions
Specification
INPUT
Input voltage
24Vdc (18-30Vdc)
48Vdc (36-60Vdc)
Undervoltage lockout
24V: 17.2Vdc
48V: 30Vdc
Overvoltage lockout
24V: 37.8Vdc
48V: 78.8Vdc
OUTPUT
Output voltage
See Table
Voltage adjustment range
±8%
Output current
See Table
Output power
See Table
Ripple & noise
Typ. See Table BW=20MHz
Line regulation
0.2% typ. over input range
Load regulation
12 and 24V: 2% typ.
48V: 5% typ.
Overvoltage protection
12V: 15Vmax.
24V: 29Vmax.
48V: 58Vmax.
Overcurrent protection
120% of rating typ.
DISPLAYS / ALARMS
DC OK
Green LED: ON=OK
Voltage–free changeover contact (32V, 1A)
ENVIRONMENTAL
Operating temperature
0 – 40°C
Relative humidity
5 – 90% (non-condensing)
Cooling
Thermostatically Controlled Fan
OPERATING
Efficiency
79 – 84% typ.
Load sharing
±5%
Isolation
In/Out 4243Vdc, 1 min. In/Gnd 2121Vdc, 1 min.
Out/Gnd 707Vdc, 1 min.
Overtemperature protection
100°C typ.
STANDARDS
Safety standards
Complies with AS/NZS60950:2000
C-tick
AS/NZS CISPR11 Group 1, Class A
MECHANICAL
General
Chassis mount enclosure
Dimensions
247x176x70mm (LxWxH)
Input terminations
40A M4 Screw Terminals
Output terminations
40A M4 Screw Terminals
Alarm termination
Pluggable Screw
Terminal Blocks for 1.5 mm2 wire
SYNC port (parallel operation) Two RJ-12 6/6 sockets
Selection Table
MODEL
NUMBER
INPUT
OUTPUT
RIPPLE &
NOISE
POWER
PB261-2412E
18-30V
12V
16.7A
50mV
200W
PB261-2424E
18-30V
24V
8.3A
45mV
200W
PB261-2448E
18-30V
48V
4.2A
50mV
200W
PB261-2412T
18-30V
12V
33.3A
30mV
400W
PB261-2424T
18-30V
24V
16.7A
25mV
400W
PB261-2448T
18-30V
48V
7.1A
25mV
340W
PB261-4812S
36-60V
12V
20.8A
80mV
250W
PB261-4824S
36-60V
24V
10.4A
50mV
250W
PB261-4848E
36-60V
48V
4.6A
60mV
220W
PB261-4812U
36-60V
12V
41.7A
40mV
500W
PB261-4824U
36-60V
24V
20.8A
35mV
500W
PB261-4848T
36-60V
48V
9.2A
25mV
440W


Similar Part No. - PB261

ManufacturerPart #DatasheetDescription
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
Sealed Snap-Acting Pushbutton Switches
logo
List of Unclassifed Man...
PB2 ETC2-PB2 Datasheet
113Kb / 1P
Potting Boxes
logo
HellermannTyton.
PB2 HELLERMANNTYTON-PB2 Datasheet
962Kb / 1P
A Range IP44, IP55, IP56 Junction Boxes
logo
Multicomp Pro
PB2 MULTICOMP-PB2 Datasheet
235Kb / 1P
Potting Boxes
16/01/23 V1.0
PB2 MULTICOMP-PB2 Datasheet
235Kb / 1P
Potting Boxes
16/01/23 V1.0
More results

Similar Description - PB261

ManufacturerPart #DatasheetDescription
logo
Powerbox
OBN01016 POWERBOX-OBN01016 Datasheet
1Mb / 2P
150-200 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
OBP02013 POWERBOX-OBP02013 Datasheet
802Kb / 3P
200-300 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM200 POWERBOX-PM200 Datasheet
828Kb / 2P
200 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PSE250 POWERBOX-PSE250 Datasheet
235Kb / 2P
150 - 250 WATTS DC/DC SINGLE OUTPUT
PU300 POWERBOX-PU300 Datasheet
751Kb / 2P
216 - 500 WATTS DC/DC SINGLE
S600 POWERBOX-S600 Datasheet
418Kb / 1P
350 WATTS DC/DC SINGLE OUTPUT
logo
Wall Industries,Inc.
DCHBU200 WALL-DCHBU200 Datasheet
327Kb / 4P
Up to 200 Watts DC/DC Half-Brick Converter Single Output
logo
Integrated Power Design...
DC4-150 IPDPOWER-DC4-150 Datasheet
383Kb / 2P
150 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
GRN-200-FN IPDPOWER-GRN-200-FN Datasheet
356Kb / 2P
200 WATTS MULTI OUTPUT AC-DC
GRN-200 IPDPOWER-GRN-200 Datasheet
438Kb / 2P
200 WATTS MULTI OUTPUT AC-DC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com