Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHG5292-R1-PF Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LHG5292-R1-PF
Description  DUAL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHG5292-R1-PF Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LHG5292-R1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHG5292-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHG5292-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHG5292-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHG5292-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHG5292-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHG5292-R1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3/6
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Forward Current(mA)
Forward Voltage(V)
Fig.3 Forward Voltage vs. Temperature
Fig.5 Relative Intensity vs. Wavelength
Ambient Temperature(
℃)
700
Wavelength (nm)
1.0
600
0.0
0.5
0.9
-40
0.8
-20
1.0
1.1
1.2
800
900
1000
3.0
2.0
1.0
1.5
2.5
Fig.4 Relative Intensity vs. Temperature
0.0
0.5
80
40
20
0
60
100
Ambient Temperature(
℃)
-40
-20
0
20
40
60
80
100
2.0
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
1.0
1.0
0.1
10
100
H CHIP
1000
3.0
Fig.2 Relative Intensity vs. Forward Current
2.5
2.0
0.5
1.0
1.5
0.0
3.0
4.0
5.0
1.0
10
100
1000
Page
PART NO. LHG5292/R1-PF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com