Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC2000 Datasheet(PDF) 2 Page - Powerbox

Part # PC2000
Description  1000-2000 WATTS DC/DC SINGLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PC2000 Datasheet(HTML) 2 Page - Powerbox

  PC2000 Datasheet HTML 1Page - Powerbox PC2000 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
140
PC2000
1000-2000 W A TTS DC/DC SINGLE
MODEL
NUMBER
INPUT
OUTPUT
COOLING
POWER
PC1000 24/24
20-32V
24V
42A
Convection
1000W
PC1000 24/28
20-32V
28V
36A
Convection
1000W
PC1000 24/36*
20-32V
36V
28A
Convection
1000W
PC1000 24/48
20-32V
48V
21A
Convection
1000W
PC1000 48/24
43-60V
24V
42A
Convection
1000W
PC1000 48/28
43-60V
28V
36A
Convection
1000W
PC1000 48/36*
43-60V
36V
28A
Convection
1000W
PC1000 48/48
43-60V
48V
21A
Convection
1000W
PC1000 110/24
93-150V
24V
42A
Convection
1000W
PC1000 110/28
93-150V
28V
36A
Convection
1000W
PC1000 110/36*
93-150V
36V
28A
Convection
1000W
PC1000 110/48
93-150V
48V
21A
Convection
1000W
PC1000 220/24
187-300V
24V
42A
Convection
1000W
PC1000 220/28
187-300V
28V
36A
Convection
1000W
PC1000 220/36*
187-300V
36V
28A
Convection
1000W
PC1000 220/48
187-300V
48V
21A
Convection
1000W
PC1400 48/24
43-60V
24V
58A
Fan
1400W
PC1400 48/28
43-60V
28V
58A
Fan
1400W
PC2000 48/36*
43-60V
36V
56A
Fan
2000W
PC2000 48/48
43-60V
48V
42A
Fan
2000W
PC1400 110/24
93-150V
24V
58A
Fan
1400W
PC1400 110/28
93-150V
28V
58A
Fan
1400W
PC2000 110/36*
93-150V
36V
56A
Fan
2000W
PC2000 110/48
93-150V
48V
42A
Fan
2000W
PC1400 220/24
187-300V
24V
58A
Fan
1400W
PC1400 220/28
187-300V
28V
58A
Fan
1400W
PC2000 220/36*
187-300V
36V
56A
Fan
2000W
PC2000 220/48
187-300V
48V
42A
Fan
2000W
* NRE might be charged.
T-INPUT RANGE FOR MOBILE APPLICATION
UIN 0.1S-S2
CONTINUOUS RANGE
CODE
14.4-33.6V
16.8-30V
24T
21.6-50.4V
25.2-45V
36T
28.8-67.2V
33.6-60V
48T
43.2-110.8V
50.4-90V
72T
66-154V
77-137.5V
110T
Selection Table



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com