Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHRF9UG2692-R12-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LHRF9UG2692-R12-PF
Description  DUAL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRF9UG2692-R12-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LHRF9UG2692-R12-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHRF9UG2692-R12-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRF9UG2692-R12-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRF9UG2692-R12-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRF9UG2692-R12-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRF9UG2692-R12-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRF9UG2692-R12-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1.5
1.7
Min.
Forward
voltage
@20mA(V)
Typical Electrical & Optical Characteristics (Ta=25
℃)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Emitted
Lens
Green
AlGaInP
LHRF9UG2692/R12-PF
AlGaInP
Red
20
574
630
White Diffused
20
PART NO
MATERIAL
COLOR
Dominant
wave
length
λDnm
Spectral
halfwidth
△λnm
Min.
Max.
2.6
2.4
Luminous
intensity
@20mA(mcd)
Viewing
angle
2
θ 1/2
(deg)
Typ.
-40 ~ +85
-40 ~ +100
Storage Temperature
Tstg
Operating Temperature
Electrostatic Discharge
Reverse Current @5V
10
Ir
Topr
ESD
2000
IF
30
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
PD
75
IFP
90
Parameter
Symbol
HRF
Ratings
℃
μA
℃
V
30
mA
mW
75
60
mA
UNIT
9UG
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25
℃
2/6
Page
15
9
38
21
36
36
PART NO. LHRF9UG2692/R12-PF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com