Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14ST9013P Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 14ST9013P
Description  10/100 BASE PULSE TRANSFORMER FOR PCMCIA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

14ST9013P Datasheet(HTML) 1 Page - Bothhand USA, LP.

  14ST9013P Datasheet HTML 1Page - Bothhand USA, LP. 14ST9013P Datasheet HTML 2Page - Bothhand USA, LP. 14ST9013P Datasheet HTML 3Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10/100 BASE PULSE TRANSFORMER FOR PCMCIA
BOTHHAND
USA.
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Design FOR 10/100 MB/s TX & ATM 155 MB/s APPLICATION
Meets ANSI X3.236-1995 TP-PMD,100BASE-TX,ATM 155Bps
UNI,AND IEEE 802.3u AND 802.3i specifications.
Very low profile PCMCIA/PC CARD, SMD package.
Storage temperature range: -40℃to +125℃.
Electrical Specifications @ 25℃ Operating Temperature range: 0℃ to +70℃
HI-POT : 1500Vrms.
Primary OCL inductance : 350 uH Min @ 100KHz/0.1Vrms,8.0mA/DC
Turn ratio
(±5%)
Insertion loss
(dB Max)
Returm loss
(dB Min)
Cross talk
(dB Min)
Differential to Common
Mode
Rejection (dB Min)
Part
Number
RX
TX
L.L
(uH Max)
CW/W
(pF Max)
0.3-100
MHz
100-125
MHz
30
MHz
60
MHz
80
MHz
30
MHz
60
MHz
100
MHz
30
MHz
50
MHz
100
MHz
150
MHz
14ST0001P 1CT:1CT 1.14CT:1CT
-
-
-1.0
-
-16
-12
-10
-40
-35
-35
-
-
-
-
14ST0002P 1CT:1CT 1.25CT:1CT
-
-
-1.3
-
-16
-12
-10
-40
-35
-35
-
-
-
-
14ST8515* 1CT:1CT
1CT:1CT
0.5
28
-1.3
-
-16
-12
-10
-40
-38
-
-
-
-
14ST9012P 1CT:1CT
1CT:1CT
0.35
28
-1.3
-
-18
-13
-11
-40
-40
-35
-40
-35
-30
-20
14ST9013P 1CT:1CT
1CT:1CT
-
-
-1.1
-16
-12
-11
-40
-38
-42/-40
-40/-35
14ST9014P 1CT:1CT
1CT:1CT
-
-
-1.3
-
-16
-12
-10
-35
-30
Mechanicals
14ST8515


Similar Part No. - 14ST9013P

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
14ST9012MP BOTHHAND-14ST9012MP Datasheet
263Kb / 1P
10/100 BASE-TX PCMCIA TRANSFOMER
14ST9012P BOTHHAND-14ST9012P Datasheet
54Kb / 1P
10/100 BASE-T TRANSFORMER
14ST9012P-LF BOTHHAND-14ST9012P-LF Datasheet
157Kb / 2P
Design for 10/100 MB/s TX & ATM 155 MB/s applications
14ST9012PLF BOTHHAND-14ST9012PLF Datasheet
157Kb / 2P
10/100 BASE-T TRANSFORMER
More results

Similar Description - 14ST9013P

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST0002X BOTHHAND-16ST0002X Datasheet
234Kb / 2P
10/100 BASE PULSE TRANSFORMER FOR PCMCIA
TS0013 BOTHHAND-TS0013 Datasheet
26Kb / 1P
10/100 BASE PCMCIA TRANSFORMER
NS0005 BOTHHAND-NS0005 Datasheet
334Kb / 3P
10/100 BASE PULSE TRANSFORMER FOR PCMCIA
NS0014-LF BOTHHAND-NS0014-LF Datasheet
161Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
NS0014Y-LF BOTHHAND-NS0014Y-LF Datasheet
202Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
16ST0009PLF BOTHHAND-16ST0009PLF Datasheet
158Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
NS0013LF BOTHHAND-NS0013LF_17 Datasheet
683Kb / 3P
10/100 BASE PULSE TRANSFORMER FOR PCMCIA
NS0014YLF BOTHHAND-NS0014YLF Datasheet
202Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
NS14LF BOTHHAND-NS14LF Datasheet
644Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
NS14YLF BOTHHAND-NS14YLF Datasheet
123Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com