Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL2F3KFK Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTL2F3KFK
Description  Property of Lite-On Only
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2F3KFK Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTL2F3KFK Datasheet HTML 1Page - Lite-On Technology Corporation LTL2F3KFK Datasheet HTML 2Page - Lite-On Technology Corporation LTL2F3KFK Datasheet HTML 3Page - Lite-On Technology Corporation LTL2F3KFK Datasheet HTML 4Page - Lite-On Technology Corporation LTL2F3KFK Datasheet HTML 5Page - Lite-On Technology Corporation LTL2F3KFK Datasheet HTML 6Page - Lite-On Technology Corporation LTL2F3KFK Datasheet HTML 7Page - Lite-On Technology Corporation LTL2F3KFK Datasheet HTML 8Page - Lite-On Technology Corporation LTL2F3KFK Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Electrical / Optical Characteristics at TA=25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
1000
3600
mcd
IF = 20mA
Note 1
Viewing Angle
2θ1/2
8
deg
Note 2 (Fig.5)
Peak Emission Wavelength
λP
611
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
605
nm
Note 4
Spectral Line Half-Width
∆λ
17
nm
Forward Voltage
VF
2.05
2.4
V
IF = 20mA
Reverse Current
IR
100
µA
VR = 5V
Capacitance
C
40
pF
VF = 0 , f = 1MHz
NOTE: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE
eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. Iv classification code is marked on each packing bag.
4. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single
wavelength which defines the color of the device.
Part No. : LTL2F3KFK
Page :
3
of
9
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com