Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL2F3SFK Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part # LTL2F3SFK
Description  Property of Lite-On Only
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2F3SFK Datasheet(HTML) 6 Page - Lite-On Technology Corporation

Back Button LTL2F3SFK Datasheet HTML 2Page - Lite-On Technology Corporation LTL2F3SFK Datasheet HTML 3Page - Lite-On Technology Corporation LTL2F3SFK Datasheet HTML 4Page - Lite-On Technology Corporation LTL2F3SFK Datasheet HTML 5Page - Lite-On Technology Corporation LTL2F3SFK Datasheet HTML 6Page - Lite-On Technology Corporation LTL2F3SFK Datasheet HTML 7Page - Lite-On Technology Corporation LTL2F3SFK Datasheet HTML 8Page - Lite-On Technology Corporation LTL2F3SFK Datasheet HTML 9Page - Lite-On Technology Corporation LTL2F3SFK Datasheet HTML 10Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Bin Code List For Reference
Luminous Intensity
Unit : mcd @20mA
Bin Code
Min.
Max.
Z
12000
16000
5A
16000
21000
5B
21000
27000
Note: Tolerance of each bin limit is ±15%
Dominant Wavelength
Unit : nm @20mA
Bin Code
Min.
Max.
H23
600.0
603.0
H24
603.0
606.5
H25
606.5
610.0
Note: Tolerance of each bin limit is ±1nm
Part No. : LTL2F3SFK
Page :
6
of
10
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com