Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK2683LS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SK2683LS
Description  General-Purpose Switching Device
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2683LS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SK2683LS Datasheet HTML 1Page - Sanyo Semicon Device 2SK2683LS Datasheet HTML 2Page - Sanyo Semicon Device 2SK2683LS Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SK2683LS
No.8619-2/3
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=20V, f=1MHz
1950
pF
Output Capacitance
Coss
VDS=20V, f=1MHz
455
pF
Reverse Transfer Capacitance
Crss
VDS=20V, f=1MHz
185
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
28
ns
Rise Time
tr
See specified Test Circuit.
96
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
500
ns
Fall Time
tf
See specified Test Circuit
150
ns
Diode Forward Voltage
VSD
IS=16A, VGS=0V
1.0
1.5
V
Diode Reverse Recovery Time
trr
IS=16A, di / dt=100A / μ
180
ns
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7509-002
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID=8A
RL=12.5Ω
VDD=100V
VOUT
2SK2683LS
VIN
10V
0V
VIN
0.7
2.55
2.55
1.2
0.9
0.75
1.2
4.5
2.8
12 3
10.0
3.2
1 : Gate
2 : Drain
3 : Source
SANYO : TO-220FI(LS)
PD -- Tc
Case Temperature, Tc --
°C
PD -- Ta
Ambient Temperature, Ta --
°C
0
0
20
40
60
80
100
120
45
140
160
20
15
10
5
40
35
30
25
IT13661
0
0
20
40
60
80
100
120
2.5
140
160
1.0
1.5
2.0
0.5
IT13660



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com