Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL2L3VEJS Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTL2L3VEJS
Description  Property of Lite-On Only
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2L3VEJS Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTL2L3VEJS Datasheet HTML 1Page - Lite-On Technology Corporation LTL2L3VEJS Datasheet HTML 2Page - Lite-On Technology Corporation LTL2L3VEJS Datasheet HTML 3Page - Lite-On Technology Corporation LTL2L3VEJS Datasheet HTML 4Page - Lite-On Technology Corporation LTL2L3VEJS Datasheet HTML 5Page - Lite-On Technology Corporation LTL2L3VEJS Datasheet HTML 6Page - Lite-On Technology Corporation LTL2L3VEJS Datasheet HTML 7Page - Lite-On Technology Corporation LTL2L3VEJS Datasheet HTML 8Page - Lite-On Technology Corporation LTL2L3VEJS Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Features
* Lead (Pb) free product – RoHS compliant.
* High luminous intensity output.
* Low power consumption.
* High efficiency.
* Versatile mounting on P.C. board or panel.
* I.C. Compatible/low current requirements.
* Popular T-13/4 diameter.
Package Dimensions
Part No.
Lens
Source Color
LTL2L3VEJS
White Diffused
AlInGaP Red
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm(.010") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.
Part No. : LTL2L3VEJS
Page :
1
of
10
BNS-OD-C131/A4


Similar Part No. - LTL2L3VEJS

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL2L3VEJS-032A LITEON-LTL2L3VEJS-032A Datasheet
219Kb / 11P
Property of Lite-On Only
More results

Similar Description - LTL2L3VEJS

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com