Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL2L3VEJS-032A Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTL2L3VEJS-032A
Description  Property of Lite-On Only
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2L3VEJS-032A Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTL2L3VEJS-032A Datasheet HTML 1Page - Lite-On Technology Corporation LTL2L3VEJS-032A Datasheet HTML 2Page - Lite-On Technology Corporation LTL2L3VEJS-032A Datasheet HTML 3Page - Lite-On Technology Corporation LTL2L3VEJS-032A Datasheet HTML 4Page - Lite-On Technology Corporation LTL2L3VEJS-032A Datasheet HTML 5Page - Lite-On Technology Corporation LTL2L3VEJS-032A Datasheet HTML 6Page - Lite-On Technology Corporation LTL2L3VEJS-032A Datasheet HTML 7Page - Lite-On Technology Corporation LTL2L3VEJS-032A Datasheet HTML 8Page - Lite-On Technology Corporation LTL2L3VEJS-032A Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Features
* Compatible with radial lead automatic insertion equipment.
* Most radial lead plastic lead lamps available packaged in tape and folding.
* 2.54mm (0.1") straight lead spacing available.
* Folding packaging simplifies handling and testing.
Reel packaging is available by removing suffix “A” on option.
Package Dimensions
Specification
Item
Symbol
Minimum
Maximum
mm
inch
mm
inch
Tape Feed Hole Diameter
D
3.8
0.149
4.2
0.165
Component Lead Pitch
F
2.3
0.091
3.0
0.118
Front to Rear Deflection
∆H
--
--
2.0
0.078
Feed Hole to Bottom of Component
H1
20.0
0.787
21.0
0.827
Feed Hole to Overall Component Height
H2
28.4
1.118
30.0
1.181
Lead Length After Component Height
L
W0
11.0
0.433
Feed Hole Pitch
P
12.4
0.488
13.0
0.511
Lead Location
P1
4.4
0.173
5.8
0.228
Center of Component Location
P2
5.05
0.198
7.65
0.301
Total Tape Thickness
T
--
--
0.90
0.035
Feed Hole Location
W0
8.5
0.334
9.75
0.384
Adhesive Tape Width
W1
14.5
0.571
15.5
0.610
Adhesive Tape Position
W2
0
0
3.0
0.118
Tape Width
W3
17.5
0.689
19.0
0.748
Part No. : LTL2L3VEJS-032A
Page :
5
of
11
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com