Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM48AM1684LBA Datasheet(PDF) 2 Page - Eorex Corporation

Part # EM48AM1684LBA
Description  256Mb (4M횞4Bank횞16) Synchronous DRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM48AM1684LBA Datasheet(HTML) 2 Page - Eorex Corporation

  EM48AM1684LBA Datasheet HTML 1Page - Eorex Corporation EM48AM1684LBA Datasheet HTML 2Page - Eorex Corporation EM48AM1684LBA Datasheet HTML 3Page - Eorex Corporation EM48AM1684LBA Datasheet HTML 4Page - Eorex Corporation EM48AM1684LBA Datasheet HTML 5Page - Eorex Corporation EM48AM1684LBA Datasheet HTML 6Page - Eorex Corporation EM48AM1684LBA Datasheet HTML 7Page - Eorex Corporation EM48AM1684LBA Datasheet HTML 8Page - Eorex Corporation EM48AM1684LBA Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
eorex
EM48AM1684LBA
Mar. 2009
www.eorex.com
256Mb (4M
×4Bank×16) Synchronous DRAM
Features
• Fully Synchronous to Positive Clock Edge
• VDD/VDDQ= 1.8V +/- 0.15V Power Supply
• LVCMOS Compatible with Multiplexed Address
• Programmable Burst Length (B/L) - 1, 2, 4, 8
or Full Page
• Programmable CAS Latency (C/L) - 2 or 3
• Data Mask (DQM) for Read / Write Masking
• Programmable Wrap Sequence
– Sequential (B/L = 1/2/4/8/full Page)
– Interleave (B/L = 1/2/4/8)
• Burst Read with Single-bit Write Operation
• All Inputs are Sampled at the Rising Edge of
the System Clock
• Auto Refresh and Self Refresh
• 8,192 Refresh Cycles / 64ms (7.8us)
Description
The EM48AM1684LBA is Synchronous Dynamic
Random Access Memory (SDRAM) organized as
4Meg words x 4 banks by 16 bits. All inputs and
outputs are synchronized with the positive edge of
the clock.
The 256Mb SDRAM uses synchronized pipelined
architecture to achieve high speed data transfer
rates and is designed to operate at 1.8V low power
memory system. It also provides auto refresh with
power saving / down mode. All inputs and outputs
voltage levels are compatible with LVCMOS.
Available packages:
P-VFBGA 54B 12mm x 8mm x 1mm.
Ordering Information
Part No
Organization
Max. Freq
Package
Grade
Pb
EM48AM1684LBA-75F
16M X 16
133MHz @CL3
P-VFBGA -54B II
Commercial
Free
EM48AM1684LBA-75FE
16M X 16
133MHz @CL3
P-VFBGA -54B II
Extend temp.
Free
* EOREX reserves the right to change products or specification without notice.
2/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com