Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHRFUG2093-R2-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LHRFUG2093-R2-PF
Description  DUAL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRFUG2093-R2-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LHRFUG2093-R2-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHRFUG2093-R2-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRFUG2093-R2-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRFUG2093-R2-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRFUG2093-R2-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRFUG2093-R2-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRFUG2093-R2-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
30
30
Viewing
angle
2
θ 1/2
(deg)
550
300
Typ.
Luminous
intensity
@20mA(mcd)
350
160
Max.
Min.
Spectral
halfwidth
△λnm
Dominant
wave
length
λDnm
COLOR
20
630
20
574
Lens
Forward
voltage
@20mA(V)
Min.
Emitted
PART NO
MATERIAL
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
Green
Ratings
mA
mA
25
75
Red
Symbol
25
75
IFP
IF
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Absolute Maximum Ratings at Ta=25
℃
Parameter
V
μA
2000
10
℃
℃
-40 ~ +85
-40 ~ +100
Ir
ESD
Tstg
Topr
*
Storage Temperature
Typical Electrical & Optical Characteristics (Ta=25
℃)
Electrostatic Discharge( * )
Operating Temperature
Reverse Current @5V
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Power Dissipation
PD
65
mW
65
Green
AlGaInP
LHRFUG2093/R2-PF
AlGaInP
Red
Water Clear
2.6
1.7
1.5
2.4
LHRFUG2093/R2-PF
PART NO.
2/6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com