Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM48AM3284LBA-6FS Datasheet(PDF) 2 Page - Eorex Corporation

Part # EM48AM3284LBA-6FS
Description  512Mb (4M횞4Bank횞32) Synchronous DRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM48AM3284LBA-6FS Datasheet(HTML) 2 Page - Eorex Corporation

  EM48AM3284LBA-6FS Datasheet HTML 1Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 2Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 3Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 4Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 5Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 6Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 7Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 8Page - Eorex Corporation EM48AM3284LBA-6FS Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
eorex
EM48AM3284LBA
Jan. 2009
www.eorex.com
2/22
512Mb (4M
×4Bank×32) Synchronous DRAM
Features
• Fully Synchronous to Positive Clock Edge
• VDD= 1.8V +/- 0.1V for 133MHz Power Supply
VDD= 1.85V+/- 0.1V for 166MHz .
• LVCMOS Compatible with Multiplexed Address
• Programmable Burst Length (B/L) - 1, 2, 4, 8
or Full Page
• Programmable CAS Latency (C/L) - 2 or 3
• Data Mask (DQM) for Read / Write Masking
• Programmable Wrap Sequence
– Sequential (B/L = 1/2/4/8/full Page)
– Interleave (B/L = 1/2/4/8)
• Burst Read with Single-bit Write Operation
• Deep Power Down Mode.
• Special Function Support.
– PASR (Partial Array Self Refresh)
– Auto TCSR (Temperature Compensated Self
Refresh)
• Programmable Driver Strength Control
– Full Strength or 1/2, 1/4 of Full Strength
• Auto Refresh and Self Refresh
• 8,192 Refresh Cycles / 64ms (7.8us)
Description
The EM48AM3284LBA is Synchronous Dynamic
Random Access Memory (SDRAM) organized as
4Meg words x 4 banks by 32 bits. All inputs and
outputs are synchronized with the positive edge of
the clock.
The 512Mb SDRAM uses synchronized pipelined
architecture to achieve high speed data transfer
rates and is designed to operate at 1.8V low power
memory system. It also provides auto refresh with
power saving / down mode. All inputs and outputs
voltage levels are compatible with LVCMOS.
Available packages:
TFBGA-90B(10mmx13mm)
Ordering Information
Part No
Package
Size
Package
Type
Organize
Max. Freq
Grade
Pb
EM48AM3284LBA-75FS
Commercial
EM48AM3284LBA-75FH
133MHz @CL3
Extend temp.
EM48AM3284LBA-6FS
Commercial
EM48AM3284LBA-6FH
(10x13)mm
BGA-90B
16M X 32
166MHz @CL3
Extend temp.
Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com