Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHY9UG34063-R1-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LHY9UG34063-R1-PF
Description  DUAL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHY9UG34063-R1-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LHY9UG34063-R1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHY9UG34063-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHY9UG34063-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHY9UG34063-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHY9UG34063-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHY9UG34063-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHY9UG34063-R1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Typical Electrical & Optical Characteristics (Ta=25
)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
COLOR
AlGaInP
MATERIAL
LHY9UG34063/R1-PF
AlGaInP
PART NO
Green
Yellow
Emitted
Lens
Viewing
angle
2
θ 1/2
(deg)
Forward
voltage
@
mA(V)
Dominant
wave
length
λDnm
Spectral
halfwidth
△λnm
Luminous
intensity
@20mA(mcd)
574
20
595
15
1.7
2.6
1.7
2.6
Min. Max.
20
12
21
28
50
136
136
Typ.
Min.
Topr
-40 ~ +85
Operating Temperature
Storage Temperature
Tstg
-40 ~ +100
Peak Forward Current
Duty 1/10@10KHz
Reverse Current @5V
Power Dissipation
PD
Ir
IFP
Forward Current
Parameter
IF
Symbol
60
75
75
10
60
mW
μA
mA
9UG
HY
30
30
Ratings
mA
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25
Page 2/6
Electrostatic Discharge( * )
ESD
2000
V
*
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
White Diffused
PART NO. LHY9UG34063/R1-PF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com