Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHY2092-R1 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LHY2092-R1
Description  DUAL COLOR TYPE LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHY2092-R1 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LHY2092-R1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHY2092-R1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHY2092-R1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHY2092-R1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHY2092-R1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHY2092-R1 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Tstg
Storage Temperature
-40 ~ +100
℃
MATERIAL
PART NO
Luminous
intensity
@10mA(mcd)
Spectral
halfwidth
△λnm
Peak
wave
length
λPnm
Forward
voltage
@
mA(V)
20
Viewing
angle
2
θ 1/2
(deg)
LHY2092/R1
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
1.7
1.7
Min.
GaAsP/GaP Yellow
585
35
White Diffused
GaP
Red
Emitted
697
90
Lens
2.6
1.8
3.7
70
2.6
0.1
0.4
70
Max. Min.
Typ.
Soldering Temperature
Typical Electrical & Optical Characteristics (Ta=25
℃)
COLOR
Max 260
℃ for 5 sec Max
(2mm from body)
Tsol
LHY2092/R1
PART NO.
Page 2/5
Power Dissipation
Reverse Current @5V
Operating Temperature
Peak Forward Current
Duty 1/10@10KHz
Forward Current
Absolute Maximum Ratings at Ta=25
℃
20
IF
15
mA
-40 ~ +85
Topr
Ir
10
IFP
PD
40
60
℃
μA
60
mW
80
mA
Ratings
Symbol
Parameter
HY
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com