Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU1010 Datasheet(PDF) 2 Page - Eorex Corporation

Part # EU1010
Description  8-bit MCU with 10-bit A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EU1010 Datasheet(HTML) 2 Page - Eorex Corporation

  EU1010_09 Datasheet HTML 1Page - Eorex Corporation EU1010_09 Datasheet HTML 2Page - Eorex Corporation EU1010_09 Datasheet HTML 3Page - Eorex Corporation EU1010_09 Datasheet HTML 4Page - Eorex Corporation EU1010_09 Datasheet HTML 5Page - Eorex Corporation EU1010_09 Datasheet HTML 6Page - Eorex Corporation EU1010_09 Datasheet HTML 7Page - Eorex Corporation EU1010_09 Datasheet HTML 8Page - Eorex Corporation EU1010_09 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
eorex
EU1010
Feb.2009
www.eorex.com
Pin Assignment
1
2
3
4
5
9
8
7
6
PA[1]
PA[4]
VSS
PB[0]
PB[1]
PB[2]
PB[4]
PA[5]
SOP-10 ( 8 I/O port )
10
VDD
PA[0]
Pin Description
Pin Name
I/O
Function
VDD
-
Positive power supply
VSS
-
Ground
PA0~PA1
PA4~PA5
I/O
Input and output ports.
In input mode, all PA pins could be set an internal pull-up resistor
(R=100Kohm). In output mode, it could be optioned as CMOS or
NMOS output independently. Also, PA0~PA3 could be optioned as 4
channels of 10-bit A/D converter input pins.
PB0~PB1
PB2 / PB4
I/O
Input and output ports. In input mode, it could have optioned internal
pull-up resistor with 100Kohm.
Also, it can be set as HALT and
STOP mode released source when the input signal is changed from
high to low. In output mode, it could be optioned as CMOS or NMOS
output independently.
2/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com