Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16ST6148 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 16ST6148
Description  10/100BASE-T SINGLE PORT TRANSFORMER MODULES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

16ST6148 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  16ST6148 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
10/100BASE-T SINGLE PORT TRANSFORMER MODULES
P/N: 16ST6148 DATA SHEET
Page : 1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A0(02/07)
Feature
Meets all IEEE802.3 and ANSI X3.263 standards including
350uH OCL with 8mA Bias.
Designed for use with transceivers from AMD•KENDIN
Semiconductor•and Quality Semiconductor.
IC grade transfer-molded package suitable for reflow
soldering temperatures up to 235°C.
Patented interlock base construction for high reliability.
Operating temperature range:0°C to +70°C.
Storage temperature range:-25°C to +125°C.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
L.L
(uH Max)
Part
Number
RX
TX
OCL(uH Min)
@100KHz/0.1Vrms
with 8mA/DC Bias
1-2 short 7-6
16-15 short 10-11
Isolation Voltage
(Vrms)
16ST6148
1CT:1CT 1CT:1.414CT
350
0.5
0.8
1500
Continue
Insertion
Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
Part
Number
0.3-100 MHz
30MHz
60MHz
80MHz
0.3-60MHz
60-100MHz
16ST6148
-2.0
-18
-12
-11
-45
-35
Schematic
Mechanical


Similar Part No. - 16ST6148

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST6149B BOTHHAND-16ST6149B Datasheet
193Kb / 1P
10/100 BASE-T ETHRNET ISOLATION TRANSFORMER
More results

Similar Description - 16ST6148

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S558-5999-K8 BEL-S558-5999-K8 Datasheet
46Kb / 2P
10/100BASE-T LAN MAGNETICS Single Port Transformer Modules
logo
Bothhand USA, LP.
16ST1038 BOTHHAND-16ST1038 Datasheet
183Kb / 1P
10/100BASE-T SINGLE PORT TRANSFORMER MODULES
16ST1081 BOTHHAND-16ST1081 Datasheet
184Kb / 1P
10/100BASE-T SINGLE PORT TRANSFORMER MODULES
16ST1119 BOTHHAND-16ST1119 Datasheet
185Kb / 1P
10/100BASE-T SINGLE PORT TRANSFORMER MODULES
16ST1119-2 BOTHHAND-16ST1119-2 Datasheet
186Kb / 1P
10/100BASE-T SINGLE PORT TRANSFORMER MODULES
16ST1178M BOTHHAND-16ST1178M Datasheet
184Kb / 1P
10/100BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
H1112NL PULSE-H1112NL Datasheet
671Kb / 2P
10/100Base-TX Single Port Transformer Modules
H1093 PULSE-H1093 Datasheet
78Kb / 2P
10/100BASE-TX SINGLE PORT TRANSFORMER MODULES
H1112NLT PULSE-H1112NLT Datasheet
467Kb / 3P
10/100Base-TX Single Port Transformer Modules
logo
List of Unclassifed Man...
LP1012 ETC-LP1012 Datasheet
168Kb / 2P
10/100Base-T Single Port Transformer Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com