Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU1020 Datasheet(PDF) 19 Page - Eorex Corporation

Part # EU1020
Description  8-bit MCU with 10-bit A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EU1020 Datasheet(HTML) 19 Page - Eorex Corporation

Back Button EU1020 Datasheet HTML 13Page - Eorex Corporation EU1020 Datasheet HTML 14Page - Eorex Corporation EU1020 Datasheet HTML 15Page - Eorex Corporation EU1020 Datasheet HTML 16Page - Eorex Corporation EU1020 Datasheet HTML 17Page - Eorex Corporation EU1020 Datasheet HTML 18Page - Eorex Corporation EU1020 Datasheet HTML 19Page - Eorex Corporation EU1020 Datasheet HTML 20Page - Eorex Corporation EU1020 Datasheet HTML 21Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
eorex
EU1020
Feb.2009
www.eorex.com
Low Voltage Reset Circuit ( or Power Failed Detector ) 2.4V
The EU1020 is built in Low-Voltage-Reset circuit to detect and against power noise. The low voltage
reset will be active when Vdd is dropped lower than 2.4V. Note that, in STOP mode, low voltage reset
function will be disabled by hardware. The low voltage reset function will be active when CPU is not
working in STOP mode.
HALT mode
The EU1020 will enter HALT mode by setting an instruction as “STA $0EH”. The data in ACC could be
any data among #00H~#FFH. In HALT mode, CPU core will suspend and just hold at that program
counter. All the internal circuit will suspend, except system clock and timer/counter kept running. HALT
mode could be released from timer underflow or PB ports input signal from high to low. When halt mode
is released, program counter will execute next instruction after “STA $0EH”. If timer interrupt is enabled,
it serves timer interrupt first, and then execute next instruction after “STA $0EH”. When HALT mode is
released by PB ports falling-edge, program counter execute next instruction. If PB interrupt is enabled,
PBINT =1, PB interrupt subroutine will be activated.
Address
0EH
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Name
HALT
#
#
#
#
#
#
#
#
STOP mode
When executed “STA $0FH”, whole chip will enter stop mode. The data in ACC could be any data of
#00H~#FFH. In stop mode, system clock and timer/counter will be stopped. At this condition, operating
current could be down less than 1µA. Only input signal from high to low of PB ports can release the chip
from STOP mode. When STOP mode is released by PB ports, program counter will execute next
instruction of “STA $0FH”. If PB interrupt is enabled, PBINT=1, PB interrupt subroutine will be activated
first.
Address
0FH
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Name
STOP
#
#
#
#
#
#
#
#
MCU system clock
This CPU is built-in internal RC oscillator whose frequency is 4MHz. The tolerance of the frequency is
within 3%.
19/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com