Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16ST8513 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 16ST8513
Description  10/100 BASE PULSE TRANSFORMER (SMD)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

16ST8513 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  16ST8513 Datasheet HTML 1Page - Bothhand USA, LP. 16ST8513 Datasheet HTML 2Page - Bothhand USA, LP. 16ST8513 Datasheet HTML 3Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10/100 BASE PULSE TRANSFORMER (SMD)
BOTHHAND
USA.
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Designed for 10/100 Base/s Transmission Over UTP-5 Cable.
16-PIN SMD package for economic cost.
Cable interface for isolation and Low common mode Emissions.
Meet all IEEE 802.3 standards including 350μH OCL with 8mA Bias
.
Storage temperature range: -40℃to +125℃.
Electrical Specifications @ 25℃ Operating Temperature range: 0℃ to +70℃
Primary OCL inductance : 350 uH Min @ 100KHz/0.1Vrms,8.0mA/DC
Insertion Loss
(dB Max)
Return Loss
TX/RX (dB Min)
Cross talk
(dB Min)
Differential to Common Mode
Rejection TX/RX (dB Min)
Part
Number
0.3~100MHz
30MHz
40MHz
50MHz
60MHz
80MHz
0.3-60MHz 60-100MHz
0.3-60MHz
60-100MHz
16ST8510
-1.15
-16
-14
-13.5
-13
-12
-40
-30
-35/-30
-35/-30
16ST8512
-1.15
-16
-14
-13.5
-13
-12
-40
-30
-35/-30
-35/-30
16ST8513
-1.15
-16
-14
-13.5
-13
-12
-30
-35/-30
-35/-30
16ST8514
-1.15
-16
-14
-13.5
-13
-12
-30
-35/-30
-35/-30
16ST8515
-1.15
-16
-14
-13.5
-13
-12
-40
-30
-35/-30
-35/-30
16ST8515-1
-1.15
-16
-14
-13.5
-13
-12
-40
-30
-35/-30
-35/-30
16ST8515-4
-1.15
-16
-14
-13.5
-13
-12
-40
-30
-35/-30
-35/-30
Turn Ratio(±5%)
Part
Number
Transmit
Receive
L.L
(uH Max)
Rise Time
10-90%(nS Typ)
DCR
RX/TX(Ω Max)
Cw/w
(pF Max)
HI-POT
Vrms
16ST8510
1CT:1CT
1CT:1CT
-
2.5
-
-
1500
16ST8512
1CT:1
1CT:1CT
-
2.5
0.9
-
1500
16ST8513
1:1CT
1CT:1CT
0.6
3.0
-
28
1500
16ST8514
1CT:1
1CT:1CT
0.6
3.0
-
28
1500
16ST8515
1CT:1CT
1CT:1CT
0.6
2.5
-
28
1500
16ST8515-1
1CT:1
1CT:1CT
0.6
2.5
-
28
1500
16ST8515-4
1CT:1CT
1CT:1CT
0.6
2.5
-
28
1500
Mechanicals


Similar Part No. - 16ST8513

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST8513 BOTHHAND-16ST8513 Datasheet
185Kb / 1P
10/100 BASE LAN INTERFACE MODULE
More results

Similar Description - 16ST8513

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST8511 BOTHHAND-16ST8511_1 Datasheet
227Kb / 2P
100 BASE PULSE TRANSFORMER (SMD)
TN8515 BOTHHAND-TN8515 Datasheet
187Kb / 1P
10/100 BASE PULSE TRANSFORMER
TS6121A BOTHHAND-TS6121A Datasheet
190Kb / 1P
10/100 BASE PULSE TRANSFORMER
TS6121A BOTHHAND-TS6121A_1 Datasheet
260Kb / 1P
10/100 BASE PULSE TRANSFORMER
TS6121K BOTHHAND-TS6121K_1 Datasheet
196Kb / 1P
10/100 BASE PULSE TRANSFORMER
TS6122M BOTHHAND-TS6122M Datasheet
266Kb / 2P
10/100 BASE PULSE TRANSFORMER
TS6122 BOTHHAND-TS6122 Datasheet
261Kb / 1P
10/100 BASE PULSE TRANSFORMER
TS8114LF BOTHHAND-TS8114LF Datasheet
76Kb / 1P
10 /100 BASE PULSE TRANSFORMER
TS8121KLF BOTHHAND-TS8121KLF Datasheet
79Kb / 1P
10/100 BASE PULSE TRANSFORMER
TS21AYHF BOTHHAND-TS21AYHF Datasheet
232Kb / 2P
10/100 BASE PULSE TRANSFORMER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com