Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16ST8513 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 16ST8513
Description  10/100 BASE LAN INTERFACE MODULE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

16ST8513 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  16ST8513 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
10/100 BASE LAN INTERFACE MODULE
P/N: 16ST8513 DATA SHEET
Page : 1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A0(02/07)
Feature
Guarantee to operate with 8mA DC Bias @70•.
Complies with or exceeds IEEE802.3•10BT/100BX
Standards.
Operating temperature range:0°C to +70°C.
Storage temperature range:-25°C to +125°C.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Part
Number
RX
TX
OCL(uH Min)
@100KHz/0.1Vrms
with 8mA/DC Bias
CW/W
(pF Max)
L.L
(uH Max)
Rise Time
10%-90%
(nS TYP)
Isolation
Voltage
(Vrms)
16ST8513
1CT:1CT
1:1CT
350
28
0.6
3
1500
Continue
Insertion
Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB TYP)
DCMR
TX/RX(dB Min)
Part
Number
0.3-100 MHz 30MHz 40MHz 50MHz 60MHz 80MHz 0.3-60MHz 60-100MHz 30MHz
60MHz
100MHz
16ST8513
-1.15
-16
-14
-13.5
-13
-12
-45
-35
-42
-35
-28
Schematic
Mechanical


Similar Part No. - 16ST8513

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST8513 BOTHHAND-16ST8513 Datasheet
323Kb / 3P
10/100 BASE PULSE TRANSFORMER (SMD)
More results

Similar Description - 16ST8513

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
7248 FILTRAN-7248 Datasheet
150Kb / 1P
LAN 10/100 BASE-TX DUAL PORT MODULE
7317 FILTRAN-7317 Datasheet
225Kb / 1P
LAN 10/100 BASE-T Magnetic Module
logo
PCA ELECTRONICS INC.
EPE6251S-1 PCA-EPE6251S-1 Datasheet
38Kb / 1P
10/100 Base-T4 Interface Module
EPE6245S PCA-EPE6245S Datasheet
19Kb / 1P
10/100 Base-T4 Interface Module
EPF8089G PCA-EPF8089G Datasheet
38Kb / 1P
10/100 LAN Interface Module
EPF8169G PCA-EPF8169G Datasheet
38Kb / 1P
10/100 LAN Interface Module
logo
Bothhand USA, LP.
H1P041X BOTHHAND-H1P041X Datasheet
250Kb / 1P
SINGLE PORT MODULE 10/100 BASE-TX LAN
H1PX BOTHHAND-H1PX Datasheet
250Kb / 1P
SINGLE PORT MODULE 10/100 BASE-TX LAN
H4P041ANX BOTHHAND-H4P041ANX Datasheet
270Kb / 1P
QUAD PORT MODULE 10/100 BASE-TX LAN
logo
Bourns Electronic Solut...
PT61017EL BOURNS-PT61017EL Datasheet
269Kb / 1P
LAN 10/100 Base-Tx
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com