Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHYVG3363-R1-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LHYVG3363-R1-PF
Description  BIPOLAR TYPE LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHYVG3363-R1-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LHYVG3363-R1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHYVG3363-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHYVG3363-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHYVG3363-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHYVG3363-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHYVG3363-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHYVG3363-R1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Fig.3 Forward Voltage vs. Temperature
Fig.5 Relative Intensity vs. Wavelength
Ambient Temperature(
℃)
Wavelength (nm)
Forward Voltage(V)
Fig.1 Forward current vs. Forward Voltage
60
Typical Electro-Optical Characteristics Curve
0.0
500
550
600
0.5
1.0
-40
-20
0.8
0
20
40
1.1
0.9
1.0
1.2
100
1.0
0.1
2.0
3.0
1.0
10
1000
VG CHIP
650
Ambient Temperature(
℃)
80
100
-20
-40
0.0
40
20
0
60
80
100
0.5
1.0
1.5
2.0
Fig.4 Relative Intensity vs. Temperature
2.5
3.0
2.5
Forward Current(mA)
4.0
5.0
1.0
0.0
10
100
1000
1.5
0.5
1.0
2.0
Fig.2 Relative Intensity vs. Forward Current
3.0
3.5
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 3/5
PART NO. LHYVG3363/R1-PF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com