Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4S1069M-LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 4S1069M-LF
Description  T1/CEPT(E1)/ISDN-PRI TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

4S1069M-LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  4S1069M-LF Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
T1/CEPT(E1)/ISDN-PRI TRANSFORMER
P/N: 4S1069M LF DATA SHEET
Page :1/1
Feature
l
Eight transformers in a surface mount package supports
four transmit and four receive channels.
l
Cross talk: -65dB or better.
l
Models matched to leading quad and dual T1/E1/CEPT
ISDN-PRI transceivers.
l
Comply with RoHS requirements-whole part No Cd, No
Hg, No Cr6+, No PBB and PBDE and No Pb on external
pins.
l
Comply with Air reflow profile of JEDEC 020C.
l
Operating temperature range : -40℃ to +85℃.
l
Storage temperature range: -40℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±2%)
L.L
(uH Max)
Part
Number
TX
RX
OCL
(mH Min)TX/RX
TX
RX
CW/W
(pF Max)TX/RX
4S1069M LF
1CT:1.41
1CT:1.41
1.2
0.6
0.6
35
Continue
PRI Pins
Part
Number
TX
RX
HI-POT
(Vrms)
4S1069M LF
1-3,6-8,11-13,16-18
21-23,26-28,31-33,36-38
1500
Schematic
Mechanical
Bothhandusa.com
4S1069M LF


Similar Part No. - 4S1069M-LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
4S1063 BOTHHAND-4S1063 Datasheet
80Kb / 1P
T1/CEPT(E1)/ISDN-PRI TRANSFORMER
2001/01/27
4S1064 BOTHHAND-4S1064 Datasheet
78Kb / 1P
T1/CEPT(E1)/ISDN-PRI TRANSFORMER
2001/01/27
4S1064M-LF BOTHHAND-4S1064M-LF Datasheet
74Kb / 1P
T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1067 BOTHHAND-4S1067 Datasheet
65Kb / 1P
T1/CEPT(E1)/ISDN-PRI TRANSFORMER
2001/05/30
4S1067M-LF BOTHHAND-4S1067M-LF Datasheet
75Kb / 1P
T1/CEPT(E1)/ISDN-PRI TRANSFORMER
More results

Similar Description - 4S1069M-LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
4S1064 BOTHHAND-4S1064 Datasheet
78Kb / 1P
T1/CEPT(E1)/ISDN-PRI TRANSFORMER
2001/01/27
4S1071 BOTHHAND-4S1071 Datasheet
82Kb / 1P
T1/CEPT(E1)/ISDN-PRI TRANSFORMER
2001/01/27
4S1073 BOTHHAND-4S1073 Datasheet
76Kb / 1P
T1/CEPT(E1)/ISDN-PRI TRANSFORMER
2001/01/28
4S1124 BOTHHAND-4S1124 Datasheet
66Kb / 1P
T1/E1/CEPT/ISDN-PRI TRANSFORMER
2001/05/29
4S1126 BOTHHAND-4S1126 Datasheet
85Kb / 1P
T1/E1/CEPT/ISDN-PRI TRANSFORMER
2001/02/23
4S1142 BOTHHAND-4S1142 Datasheet
65Kb / 1P
T1/CEPT/E1/ISDN-PRI TRANSFORMER
2001/06/11
4S1473M BOTHHAND-4S1473M Datasheet
101Kb / 1P
T1/E1/CEPT/ISDN-PRI TRANSFORMER
8S1073M BOTHHAND-8S1073M Datasheet
317Kb / 2P
T1/CEPT(E1)/ISDN-PRI TRANSFORMER
S1312 BOTHHAND-S1312 Datasheet
71Kb / 1P
T1/E1/CEPT/ISDN-PRI TRANSFORMER
S1313 BOTHHAND-S1313 Datasheet
77Kb / 1P
T1/E1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com