Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14ST9012MP Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 14ST9012MP
Description  10/100 BASE-TX PCMCIA TRANSFOMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

14ST9012MP Datasheet(HTML) 1 Page - Bothhand USA, LP.

  14ST9012MP Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: 14ST9012MP DATA SHEET
Feature
!
Design for 10/100 MB/s TX & ATM 155 MB/s applications.
!
Very low profile PCMCIA SMD package.
!
Operating Temperature range:-40℃ to +85℃.
!
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Cross talk
(dB Min)
Part
Number
TX
RX
OCL (uH Min)
@ 100KHz/0.1Vrms with
8mA DC Bias
0.3-60MHz
60-100MHz
Rise Time
(ns Typ)10-90%
HI-POT
(Vrms)
14ST9012MP
1CT:1CT
1CT:1CT
350
-40
-38
4.0
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
DCMR
(dB Min) TX/RX
Part
Number
0.3-125 MHz
30MHz
60MHz
80MHz
60MHz
100MHz
200MHz
14ST9012MP
-1.1
-16
-12
-11
-37
-28
-25
Schematic
Mechanical
Bothhandusa.com
10/100 BASE-TX PCMCIA TRANSFORMER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - 14ST9012MP

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
14ST9012P BOTHHAND-14ST9012P Datasheet
304Kb / 3P
10/100 BASE PULSE TRANSFORMER FOR PCMCIA
14ST9012P BOTHHAND-14ST9012P Datasheet
54Kb / 1P
10/100 BASE-T TRANSFORMER
14ST9012P-LF BOTHHAND-14ST9012P-LF Datasheet
157Kb / 2P
Design for 10/100 MB/s TX & ATM 155 MB/s applications
14ST9012PLF BOTHHAND-14ST9012PLF Datasheet
157Kb / 2P
10/100 BASE-T TRANSFORMER
More results

Similar Description - 14ST9012MP

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
NT805-711 DATATRONICS-NT805-711 Datasheet
67Kb / 1P
PCMCIA 10/100 Base-TX High Speed LAN Magnetic Modules
logo
Bothhand USA, LP.
20PT1021SX-LF BOTHHAND-20PT1021SX-LF Datasheet
97Kb / 1P
10/100 BASE-TX DUAL DIP PORT TRANSFOMER APPLRY TO MDIX
20PT1024BX BOTHHAND-20PT1024BX Datasheet
265Kb / 1P
10/100 BASE DUAL PORT TRANSFOMER
20PT1026BX BOTHHAND-20PT1026BX Datasheet
265Kb / 1P
10/100 BASE DUAL PORT TRANSFOMER
20PT1120FX BOTHHAND-20PT1120FX Datasheet
262Kb / 1P
10/100 BASE DUAL PORT TRANSFOMER
NS0014-LF BOTHHAND-NS0014-LF Datasheet
161Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
NS0014Y-LF BOTHHAND-NS0014Y-LF Datasheet
202Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
NS0014YLF BOTHHAND-NS0014YLF Datasheet
202Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
NS14LF BOTHHAND-NS14LF Datasheet
644Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
NS14YLF BOTHHAND-NS14YLF Datasheet
123Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com