Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSBI2040 Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LSBI2040
Description  ROUND TYPE LED LAMPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSBI2040 Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSBI2040 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSBI2040 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSBI2040 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSBI2040 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSBI2040 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
-
+
25.0MIN
1.0MIN
□0.5
TYP
2.54TYP
4.2
1.5MAX
5.2
4.0
3.0
°
30
°
0
°
60
%
75
0
%
25
%
50
%
100
°
-30
°
-60
%
25
%
75
%
50
%
100
1/4
Page
LSBI2040
PART NO.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Package Dimensions
Note : 1.All dimension are in millimeter tolerance is ±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
Directivity Radiation



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com