Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSBKS9UG35162 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSBKS9UG35162
Description  BIPOLAR TYPE LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSBKS9UG35162 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSBKS9UG35162 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSBKS9UG35162 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSBKS9UG35162 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSBKS9UG35162 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSBKS9UG35162 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSBKS9UG35162 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSBKS9UG35162 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Storage Temperature
Tstg
-30 ~ +100
Viewing
angle
2
θ 1/2
(deg)
Dominant
wave
length
λDnm
MATERIAL
PART NO
Luminous
intensity
@
mA(mcd)
Spectral
halfwidth
△λnm
Forward
voltage
@20mA(V)
20
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
LSBKS9UG35162
AlGaInP
Green
574
20
White Diffused
InGaN/SiC Blue
Emitted
26
475
Lens
78
----
2.6
38
21
78
3.5 4.2
38
75
Min.
Typ. Max.
Typ.
Typical Electrical & Optical Characteristics (Ta=25
℃)
COLOR
℃
Page 2/6
Operating Temperature
Forward Current
Reverse Current @5V
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Absolute Maximum Ratings at Ta=25
℃
30
30
mA
IF
-20 ~ +80
Topr
Ir
50
PD
120
IFP
100
μA
℃
10
mW
mA
75
60
Absolute Maximum Ratings
Symbol
Parameter
SBKS
UNIT
9UG
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
500
Electrostatic Discharge( * )
ESD
2000V
Min.
1.7
----
LSBKS9UG35162
PART NO.
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com