Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSBKSVG3393-R1 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LSBKSVG3393-R1
Description  DUAL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSBKSVG3393-R1 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSBKSVG3393-R1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSBKSVG3393-R1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSBKSVG3393-R1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSBKSVG3393-R1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSBKSVG3393-R1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSBKSVG3393-R1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSBKSVG3393-R1 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3/6
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1.25
1.5
Fig.2 Relative Intensity vs. Forward Current
20
10
15
25
30
0.5
0.75
0.25
0
Forward Voltage(V)
5
0
3
45
Forward Current(mA)
1.0
SBK-S CHIP
20
25
30
15
10
5
0
1
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
2
1.0
0.5
Fig.4 Relative Intensity vs. Wavelength
Wavelength (nm)
75
50
100
580
380
0
480
480
430
530
630
680
30
40
20
10
0
0
Fig.3 Forward Current vs. Temperature
Ambient Temperature(
℃)
25
PART NO. LSBKSVG3393/R1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com