Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEMIX503GB126HDS Datasheet(PDF) 2 Page - Semikron International

Part # SEMIX503GB126HDS
Description  Trench IGBT Modules
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SEMIX503GB126HDS Datasheet(HTML) 2 Page - Semikron International

  SEMIX503GB126HDS Datasheet HTML 1Page - Semikron International SEMIX503GB126HDS Datasheet HTML 2Page - Semikron International SEMIX503GB126HDS Datasheet HTML 3Page - Semikron International SEMIX503GB126HDS Datasheet HTML 4Page - Semikron International SEMIX503GB126HDS Datasheet HTML 5Page - Semikron International SEMIX503GB126HDS Datasheet HTML 6Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SEMiX503GB126HDs
2
Rev. 16 – 16.12.2009
© by SEMIKRON
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
Inverse diode
VF = VEC
IF =300 A
VGE =0V
chip
Tj =25°C
1.6
1.80
V
Tj = 125 °C
1.6
1.8
V
VF0
Tj =25°C
0.9
1
1.1
V
Tj = 125 °C
0.7
0.8
0.9
V
rF
Tj =25°C
1.7
2.0
2.3
mΩ
Tj = 125 °C
2.3
2.7
3.0
mΩ
IRRM
IF =300 A
di/dtoff = 6900 A/µs
VGE =-15 V
VCC = 600 V
Tj = 125 °C
400
A
Qrr
Tj = 125 °C
77
µC
Err
Tj = 125 °C
32.5
mJ
Rth(j-c)
per diode
0.13
K/W
Module
LCE
20
nH
RCC'+EE'
res., terminal-chip
TC =25°C
0.7
mΩ
TC = 125 °C
1mΩ
Rth(c-s)
per module
0.04
K/W
Ms
to heat sink (M5)
3
5
Nm
Mt
to terminals (M6)
2.5
5
Nm
Nm
w
300
g
Temperatur Sensor
R100
Tc=100°C (R25=5 kΩ)
493 ± 5%
Ω
B100/125
R(T)=R100exp[B100/125(1/T-1/T100)];
T[K];
3550
±2%
K
SEMiX® 3s
GB
Trench IGBT Modules
SEMiX503GB126HDs
Features
• Homogeneous Si
• Trench = Trenchgate technology
•VCE(sat) with positive temperature
coefficient
• High short circuit capability
• UL recognised file no. E63532
Typical Applications*
• AC inverter drives
•UPS
• Electronic Welding
Remarks
• Case temperatur limited to TC=125°C
max.
• Not for new design



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com