Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40ST1041AX Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 40ST1041AX
Description  10/100 BASE QUAD PORT PULSE TRANSFORMERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

40ST1041AX Datasheet(HTML) 1 Page - Bothhand USA, LP.

  40ST1041AX Datasheet HTML 1Page - Bothhand USA, LP. 40ST1041AX Datasheet HTML 2Page - Bothhand USA, LP. 40ST1041AX Datasheet HTML 3Page - Bothhand USA, LP. 40ST1041AX Datasheet HTML 4Page - Bothhand USA, LP. 40ST1041AX Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
10/100 BASE QUAD PORT PULSE TRANSFORMERS
BOTHHAND
USA.
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
For Use with Transceivers Requiring 1:1 Transmit and Receive Turn Ratios
Compliant with IEEE 802.3u and ANSI X3.263 standards including
350μH OCL with 8mA bias from 0℃ to 70℃
Models designed to support four single or double stacked RJ-45 connector
100 Base-TX surface mountable
IC grade transfer-molded package withstands 235℃ peak temperature profile
Customer deigns available for specific application
Storage temperature range: -40℃to +125℃.
Electrical Specifications @ 25℃ Operating Temperature range:0℃ to +70℃
Isolation Voltage : 1500Vrms
Insulation Resistance : 10,000 MΩ
OCL(100KHz, 0.1Vrms with 8mA/DC Bias) : 350μH Min.
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
CMRR
(dB Min)
Turns Ratio
(±5%)
Part
Number
0.3~100MHz
0.3-30MHz 30-60MHz 60-80MHz 0.3-100MHz 0.3-100MHz
TX
RX
L.L
(uH Max)
CW/W
(pF Max)
Rise
Time
(nS Typ)
40ST1041
-1.15
-16
-12
-10
-38
-40
1CT:1CT 1:1
0.42
30
-
40ST1041AX
-1.0
-
-
-
-
-
1CT:1CT
0.4
56
3.0 Max
40ST1041AX-1
-1.15
-16
-12
-10
-32
-30
1CT:1CT
0.4
56
3.0 Max
40ST1041E
-1.15
-16
-12
-10
-38
-37
1CT:1CT 1:1
0.4
28
2.5
40ST1041EX
-1.15
-16
-12
-10
-38
-37
1CT:1CT 1:1
0.5
56
2.5
40ST1041F
-1.15
-16
-12
-10
-38
-37
1CT:1CT 1:1
0.45
28
2.5
40ST1041J
-1.15
-16
-12
-10
-38
-37
1CT:1CT 1:1
0.4
30
2.5
40ST1041SX
-1.15
-16
-12
-10
-38
-40
1CT:1CT 1:1
0.5
56
-
40ST1053
-1.15
-16
-12
-10
-30
-30 Typ
1CT:1CT 1:1
-
-
2.5
40ST1060
-1.15
-16
-12
-10
-30
-30 Typ
1CT:1CT 1:1
0.42
28
-
40ST1060-1
-1.15
-16
-12
-10
-30
-30 Typ
1CT:1CT 1:1
0.42
28
40ST1062
-1.15
-16
-12
-10
-35
-30 Typ
1CT:1CT 1:1
-
-
-
40ST1064
-1.15
-16
-12
-10
-38
-37 Typ
1CT:1CT
0.4
56
2.5
40ST1129
-1.15
-16
-12
-10
-38
-40
1CT:1CT 1:1
0.5
28
-
Return Loss
(dB Min)
Cross talk
(dB Min)
Differential to common mode
rejection (dB Min)
Part
Number
2-30MHz
40MHz
50MHz
60-80 MHz 0.3-30MHz 30MHz 60MHz 100MHz
1-60MHz
60-200MHz
40ST1041AX
-18
-14.5
-13.5
-12
-65
-50
-40
-33
-37
-25
Mechanicals


Similar Part No. - 40ST1041AX

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1041AX BOTHHAND-40ST1041AX Datasheet
212Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
40ST1041AX BOTHHAND-40ST1041AX Datasheet
212Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
40ST1041AX-1 BOTHHAND-40ST1041AX-1 Datasheet
215Kb / 1P
40 PIN SMD ETHERNET 100 BASE-TX HIGH SPEED LAN MAGNETICS
40ST1041AX-E BOTHHAND-40ST1041AX-E Datasheet
286Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
40ST1041AX-FLF BOTHHAND-40ST1041AX-FLF Datasheet
287Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
More results

Similar Description - 40ST1041AX

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16PT8510 BOTHHAND-16PT8510 Datasheet
377Kb / 6P
10/100 BASE PULSE TRANSFORMERS (DIP)
20PT1021 BOTHHAND-20PT1021 Datasheet
508Kb / 6P
10/100 BASE DUAL PORT TRANSFORMERS
20PT8052 BOTHHAND-20PT8052 Datasheet
192Kb / 2P
10 BASE TWO PORT PULSE TRANSFORMERS
40ST6489B BOTHHAND-40ST6489B Datasheet
528Kb / 5P
10 BASE QUAD PORT PULSE TRANSFORMERS
40ST1060_M BOTHHAND-40ST1060_M Datasheet
185Kb / 1P
10/100 BASE QUAD PORT PULSE TRANSFORMER
40ST1060_S BOTHHAND-40ST1060_S Datasheet
186Kb / 1P
10/100 BASE QUAD PORT PULSE TRANSFORMER
40ST1060LF BOTHHAND-40ST1060LF Datasheet
309Kb / 1P
10/100 BASE QUAD PORT PULSE TRANSFORMER
40ST1062 BOTHHAND-40ST1062 Datasheet
226Kb / 1P
10/100 BASE QUAD PORT PULSE TRANSFORMER
16PT8512BLF BOTHHAND-16PT8512BLF Datasheet
830Kb / 3P
10/100 BASE PULSE TRANSFORMERS (DIP)
20PT1021ALF BOTHHAND-20PT1021ALF Datasheet
776Kb / 4P
10/100 BASE DUAL PORT TRANSFORMERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com