Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSEFG9553-R4-TR1 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSEFG9553-R4-TR1
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSEFG9553-R4-TR1 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSEFG9553-R4-TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSEFG9553-R4-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSEFG9553-R4-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSEFG9553-R4-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSEFG9553-R4-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSEFG9553-R4-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSEFG9553-R4-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSEFG9553-R4-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSEFG9553-R4-TR1 Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
74.0
±1.5
ψ178±2.0
12.0mm tape,7"reel
Description
LSEFG9553/R4/TR1
Part No.
1500 devices
Quantity/Reel
Reel Dimensions
14.2
±1.0
16.0
±1.0
PART NO. LSEFG9553/R4/TR1
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
2/8
Page



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com