Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSEFVG3393/T-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSEFVG3393/T-PF
Description  LOW CURRENT DURL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSEFVG3393/T-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSEFVG3393/T-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSEFVG3393/T-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSEFVG3393/T-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSEFVG3393/T-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSEFVG3393/T-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSEFVG3393/T-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSEFVG3393/T-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Min.
350
Luminous
intensity
@2mA(mcd)
Typical Electrical & Optical Characteristics (Ta=25
℃)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Emitted
MATERIAL
PART NO
Peak
wave
length
λPnm
---
Lens
17
Max.
Min.
COLOR
Spectral
halfwidth
△λnm
Forward
voltage
@
mA(V)
10
Ir
Reverse Current @5V
Storage Temperature
Operating Temperature
Tstg
Topr
-40 ~ +100
-40 ~ +85
Absolute Maximum Ratings at Ta=25
℃
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Forward Current
Parameter
50
90
120
PD
IFP
IF
Symbol
Ratings
SEF
Viewing
angle
2
θ 1/2
(deg)
40
700
40
Typ.
μA
℃
℃
mA
mW
mA
UNIT
Page
VG
30
120
100
565
30
21
38
Dominant
wave
length
λDnm
605
---
Electrostatic Discharge( * )
ESD
2000
V
----
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
LSEFVG3393/T-PF
GaP
Water Clear
Green
AlGaInP
Orange
1.8
2.2
1.8
2.2
2
2/6
PART NO. LSEFVG3393/T-PF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com