Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSEG35162-R1 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSEG35162-R1
Description  BIPOLAR TYPE LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSEG35162-R1 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSEG35162-R1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSEG35162-R1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSEG35162-R1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSEG35162-R1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSEG35162-R1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSEG35162-R1 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
-40°C ~ +100°C
Tstg
Storage Temperature
Forward
voltage
@20mA(V)
Spectral
halfwidth
△λ
nm
Luminous
intensity
@10mA(mcd)
PART NO
MATERIAL
Peak
wave
length
λPnm
Viewing
angle
2θ 1/2
(deg)
Note : 1.The forward voltage data did not including ±0.1V testing tolerance.
2. The luminous intensity data did not including ±15% testing tolerance.
610
565
GaP
Green
GaAsP/GaP
LSEG35162/R1
White Diffused
Orange
Emitted
Lens
1.7
30
2.6
4.5
8.0
50
1.7
45
1.8
2.6
Min. Max. Min.
50
4.5
Typ.
Typical Electrical & Optical Characteristics (Ta=25 ℃)
COLOR
Soldering Temperature
Tsol
Max 260℃ for 5 sec Max
(2mm from body)
℃
Page 2/5
PART NO. LSEG35162/R1
Forward Current
IF
mA
30
20
Reverse Current @5V
Operating Temperature
Topr
Ir
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
PD
IFP
-40°C ~ +85°C
10
10
℃
μA
100
80
120
mA
mW
Ratings
Absolute Maximum Ratings at Ta=25 ℃
Parameter
Symbol
G
SE
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
80



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com