Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSIR3333/TRS Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LSIR3333/TRS
Description  INFRARED EMITTING DIODES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSIR3333/TRS Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSIR3333/TRS Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSIR3333/TRS Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSIR3333/TRS Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSIR3333/TRS Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSIR3333/TRS Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSIR3333/TRS Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSIR3333/TRS Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSIR3333/TRS Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSIR3333/TRS Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2
θ1/2
λpeak
SYMBOL
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The radiant intensity data did not including
±15% testing tolerance.
Absolute Maximum Ratings at Ta=25
℃
Electrical Optical Characteristics (Aa=25
)
℃
Spectral Line Half Width
Viewing Angle
Reverse Current
Forward Voltage
Peak Wavelength
Aperture Radiant Incidence
Radiant Intensity
PARAMETER
Storage Temperature
Soldering Temperature
PART NO.
Peak Forward Current
(300PPS,10
μs Pulse)
Reverse Voltage
Operating Temperature
Electrostatic Discharge
Forward Current
Power Dissipation
Parameter
70
IF=20mA
100
IR
20
deg
1.4
VF
△λ
1.7
V
μA
nm
VR=5V
IF=20mA
TEST
CONDITION
880
1.0
Ee
1.7
nm
mW/cm
2
8.0
Le
12
Min.
Typ.
mW/sr
UNIT
Max.
IF=20mA
IF=20mA
IF=20mA
Max 260
℃ for 5 sec Max
(2mm from body)
Tsol
Tstg
℃
3/8
Page
5
Vr
ESD
Topr
2000
IF
IFP
50
1
V
V
℃
mW
A
PD
Symbol
100
SIR
Ratings
mA
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LSIR3333/TRS
-40 ~ +85
-40 ~ +85



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com