Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSIR9033/TR3 Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LSIR9033/TR3
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSIR9033/TR3 Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSIR9033/TR3 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSIR9033/TR3 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSIR9033/TR3 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSIR9033/TR3 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSIR9033/TR3 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSIR9033/TR3 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSIR9033/TR3 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSIR9033/TR3 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3.0
2.5
2.0
1.5
1.0
0.5
10.0
1.0
Fig.6 Relative Radiant Power vs. Temperature
0.0
0.1
Fig.4 Relative Radiant Power
0
Ambient Temperature
[℃]
-40
0.8
0.9
-20
1.0
1.1
80
40
20
60
100
Fig.5 Forward DC Voltage vs. Temperature
Fig.3 Relative Radiant Power
vs. Forward DC Current
1.2
1
0.1
1.0
10.0
IFDC(mA)
10
100
100
Ambient Temperature[
℃]
-40
-20
0
20
40
60
80
1000
100
IFPK(mA)
10
vs. Forward Peak Current
1.0
0.5
0.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Radiant Intensity vs. Wavelength
Typical Electro-Optical Characteristics Curve
PART NO.
Fig.1 Forward Current vs. Rorward Voltage
Forward Voltage(V)
100
0.5
0.1
1.0
10
1
SIR CHIP
1000
1.5
2.0
2.5
4/7
Page
1050
900
Wavelength(nm)
750
800
850
950
1000
LSIR9033/TR3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com