Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSR4630 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSR4630
Description  SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSR4630 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSR4630 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSR4630 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSR4630 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSR4630 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSR4630 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Absolute Maximum Ratings at Ta=25
℃
IFP
PD
IF
Tstg
Topr
Symbol
Typical Electrical & Optical Characteristics (Ta=25
℃)
Power Dissipation
Reverse Current @5V
Storage Temperature
Operating Temperature
Parameter
Peak Forward Current
Duty 1/10@10KHz
Forward Current
100
-40 ~ +100
-40 ~ +85
Ir
10
Ratings
SR
100
30
mW
℃
℃
μA
mA
mA
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 2/4
144
Viewing
angle
2
θ1/2
(deg)
Min.
12
20
Min.
1.5
Forward
voltage
@
mA(V)
Max.
2.4
Peak
wave
length
λPnm
660
Spectral
halfwidth
△λnm
20
Typ.
Luminous
intensity
@20mA(mcd)
21
Emitted
Red
PART NO
LSR4630
MATERIAL
GaAlAs
Lens
COLOR
Red Diffused
LSR4630
PART NO.
Max 260
℃ for 5 sec Max
(2mm from body)
Tsol
Soldering Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com