Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSR9033/TR2 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LSR9033/TR2
Description  SURFACE MOUNT TAPE AND REEL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSR9033/TR2 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSR9033/TR2 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSR9033/TR2 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSR9033/TR2 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSR9033/TR2 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSR9033/TR2 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSR9033/TR2 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSR9033/TR2 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSR9033/TR2 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PART NO. LSR9033/TR2
3/7
Page
UNIT
mA
mA
mW
μA
SR
Ratings
Symbol
30
100
100
10
IF
IFP
PD
Ir
Parameter
Reverse Current @5V
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Forward Current
Absolute Maximum Ratings at Ta=25
℃
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
℃
℃
Viewing
angle
2
θ 1/2
(deg)
180
20
Typ.
-40 ~ +85
-40 ~ +100
Topr
Tsol
Tstg
Soldering Temperature
Storage Temperature
Operating Temperature
Typical Electrical & Optical Characteristics (Ta=25
℃)
Spectral
halfwidth
△λnm
Forward
voltage
@20 mA(V)
2.4
20
1.5
Max.
Min.
Peak
wave
length
λPnm
660
Lens
MATERIAL
Red
GaAlAs
Emitted
PART NO
LSR9033/TR2
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Water Clear
COLOR
Max 260
℃ for 5 sec Max
(2mm from body)
90
Min.
Luminous
intensity
@20mA(mcd)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com