Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSR25030/S2 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LSR25030/S2
Description  RECTANGLE TYPE LED LAMPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSR25030/S2 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSR25030/S2 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSR25030/S2 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSR25030/S2 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSR25030/S2 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSR25030/S2 Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
2.5
3.0
100
10
Forward Current(mA)
1.5
2.0
0.5
1.0
1.0
0.0
5.0
Fig.2 Relative Intensity vs. Forward Current
1000
Page
3.0
2.0
1.0
1.5
2.5
Fig.4 Relative Intensity vs. Temperature
80
60
20
0
40
0.0
-40
80
100
Ambient Temperature(
℃)
-20
0.5
100
750
1000
SR CHIP
3.0
2.0
1.0
Forward Voltage(V)
1.0
10
0.1
100
1.2
1.1
0.9
1.0
20
40
60
-40
-200
0.8
700
600
650
0.0
0.5
Wavelength (nm)
1.0
Fig.3 Forward Voltage vs. Temperature
Fig.5 Relative Intensity vs. Wavelength
Ambient Temperature(
℃)
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
4.0
LSR25030/S2
PART NO.
3/4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com