Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSRF9S53/TR1 Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LSRF9S53/TR1
Description  SURFACE MOUNT TAPE AND REEL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRF9S53/TR1 Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LSRF9S53/TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRF9S53/TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRF9S53/TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRF9S53/TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRF9S53/TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRF9S53/TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRF9S53/TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSRF9S53/TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Soldering heat Max. 260
℃
1. Hand Solder
Basic spec is
≦ 280℃ 3 sec one time only.
2. Wave Solder
Recommended Soldering Conditions
120 ~ 150
℃
Preheat
120 ~ 180 sec
245
±5℃ within 5 sec
Page5/7
240
Temp.
(
℃)
Preheat
120
150
Cooling
-5
℃/sec
Rising
+5
℃/sec
1~5
¢XC/sec
60 ~ 120 sec
5sec
4. PB-Free Reflow Solder
260
¢XC MaX.
10sec.Max
Time
Preheat
180~200
¢XC
Above 220
¢XC
60 sec.Max.
1~5
¢XC/sec
120 sec.Max.
Note: 1.Wave solder and reflow soldering should not be made more than one time.
2.You can just only select one of the soldering conditions as above.
3. LEAD Reflow Solder
PART NO.LSRF9S53/TR1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com