Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSRF3333/F5-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LSRF3333/F5-PF
Description  SUPER BRIGHT ROUND TYPE LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRF3333/F5-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSRF3333/F5-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRF3333/F5-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRF3333/F5-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRF3333/F5-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRF3333/F5-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRF3333/F5-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5.9
5.0
1.5MAX
8.6
7.6
2.54TYP
+
-
4.0
±0.5
PART NO. LSRF3333/F5-PF
Page 1/5
Package Dimensions
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
30
°
0
°
-30
°
75%
50%
0
25%
50%
75%
100%
25%
-60
°
Directivity Radiation
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
100%
60
°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com