Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSRFSBK2093-R1-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSRFSBK2093-R1-PF
Description  DUAL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRFSBK2093-R1-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSRFSBK2093-R1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRFSBK2093-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRFSBK2093-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRFSBK2093-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRFSBK2093-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRFSBK2093-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRFSBK2093-R1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
30
350
160
30
150
90
Water Clear
PART NO
LSRFSBK2093/R1-PF
AlGaInP
InGaN/SiC
MATERIAL
Luminous
intensity
@20mA(mcd)
Min.
Typ.
Viewing
angle
2
θ 1/2
(deg)
470
----
26
3.5 4.2
Dominant
wave
length
λDnm
Lens
630
COLOR
Forward
voltage
@20mA(V)
Spectral
halfwidth
△λnm
Typ.
Min.
Max.
20
1.5
2.4
----
Emitted
Red
Blue
Peak
wave
length
λPnm
---
468
LSRFSBK2093/R1-PF
PART NO.
*Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
50
Electrostatic Discharge( * )
ESD
2000
V
500
2/6
SBK
Page
UNIT
SRF
Symbol
Parameter
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Ratings
Absolute Maximum Ratings at Ta=25
℃
10
120
100
℃
℃
μA
mW
mA
90
75
IFP
Ir
PD
Topr
Tstg
-20 ~ +80
-30 ~ +100
Operating Temperature
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25
℃)
Storage Temperature
Reverse Current @5V
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
30
mA
30
Forward Current
IF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com