Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSRFSGM3362-R1 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSRFSGM3362-R1
Description  BIPOLAR ROUND TYPE LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRFSGM3362-R1 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSRFSGM3362-R1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRFSGM3362-R1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRFSGM3362-R1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRFSGM3362-R1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRFSGM3362-R1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRFSGM3362-R1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRFSGM3362-R1 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1.7
Min.
2000
10
75
90
30
SRF
*
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
Ratings
mA
mA
μA
V
mW
Page 2/6
-20~ +80
-30 ~ +100
Min.
Max.
Typ.
30
2.6
65
120
Typ.
20
---
630
Dominant
wave
length
λDnm
Luminous
intensity
@20mA(mcd)
Viewing
angle
2
θ 1/2
(deg)
Forward
voltage
@20mA(V)
Spectral
halfwidth
△λnm
Symbol
Parameter
IF
IFP
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Ir
ESD
Electrostatic Discharge( * )
Reverse Current @5V
Power Dissipation
PD
Topr
Tstg
Operating Temperature
Storage Temperature
COLOR
Lens
Emitted
Red
LSRFSGM3362/R1
AlGaInP
PART NO
MATERIAL
Absolute Maximum Ratings at Ta=25
Typical Electrical & Optical Characteristics (Ta=25
)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Peak
wave
length
λDnm
---
SGM
30
100
100
50
1000
InGaN/SiC
Green
518
525
35
3.5 4.2 160
300
30
---
LSRFSGM3362/R1
PART NO.
White Diffused



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com