Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSRFUG2692-AS-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSRFUG2692-AS-PF
Description  DUAL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRFUG2692-AS-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSRFUG2692-AS-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRFUG2692-AS-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRFUG2692-AS-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRFUG2692-AS-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRFUG2692-AS-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRFUG2692-AS-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRFUG2692-AS-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25
℃)
LSRFUG2692-AS-PF
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25
℃
Page 2/6
LSRFUG2692-AS-PF
PART NO.
*
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
UNIT
Green
Red
Symbol
Parameter
Absolute Maximum Ratings
mA
mW
75
75
65
65
μA
V
10
10
2000
IFP
PD
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Ir
ESD
Electrostatic Discharge( * )
Reverse Current @5V
Forward Current
IF
mA
25
25
℃
-40 ~ +100
Tstg
Storage Temperature
Operating Temperature
-40 ~ +85
Topr
℃
60
20
AlGaInP
Forward
voltage
@20mA(V)
Spectral
halfwidth
△λnm
Luminous
intensity
@20mA(mcd)
COLOR
PART NO
MATERIAL
Typ.
60
350
Max. Min.
Min.
220
2.4
20
1.5
1.7
2.6
90
160
Lens
Emitted
Red
White Diffused
AlGaInP
Green
Dominant
wave
length
λDnm
Viewing
angle
2
θ 1/2
(deg)
630
574



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com