Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSRFVG2363-R1-PF Datasheet(PDF) 1 Page - LIGITEK electronics co., ltd.

Part # LSRFVG2363-R1-PF
Description  LSRFVG2363-R1-PF
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRFVG2363-R1-PF Datasheet(HTML) 1 Page - LIGITEK electronics co., ltd.

  LSRFVG2363-R1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRFVG2363-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRFVG2363-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRFVG2363-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRFVG2363-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRFVG2363-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRFVG2363-R1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Lead-Free Parts
Pb
LSRFVG2363/R1-PF
BIPOLAR TYPE LED LAMPS
DATA SHEET
A
LSRFVG2363/R1-PF
- 2008
22 - Sep.
DOC. NO :
QW0905-
REV.
:
DATE
:


Similar Part No. - LSRFVG2363-R1-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSRFVG2363-PF LIGITEK-LSRFVG2363-PF Datasheet
125Kb / 7P
BIPOLAR TYPE LED LAMPS
More results

Similar Description - LSRFVG2363-R1-PF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KBPM FAIRCHILD-KBPM Datasheet
26Kb / 1P
KBPM (FS PKG CODE R1)
logo
Rohm
SMLR13WBDW3 ROHM-SMLR13WBDW3 Datasheet
1Mb / 4P
SML-R1 Series PICOLED-side
DTA124EETL ROHM-DTA124EETL Datasheet
279Kb / 11P
Built-In Biasing Resistors, R1 = R2 = 22k??
DTC143EKAT146 ROHM-DTC143EKAT146 Datasheet
532Kb / 12P
Built-In Biasing Resistors, R1 = R2 = 4.7kW.
UMA2NTR ROHM-UMA2NTR Datasheet
444Kb / 7P
Built-In Biasing Resistors, R1 = R2 = 47kW.
logo
ON Semiconductor
MUN2240 ONSEMI-MUN2240_14 Datasheet
143Kb / 11P
Digital Transistors (BRT) R1 = 47k R2 = k
February, 2014 ??Rev. 3
logo
Apacer Technology Inc.
MICROSD-R1 APACER-MICROSD-R1 Datasheet
897Kb / 3P
R1 microSD memory cards
logo
Arduino
ABX00063 ARDUINO-ABX00063 Datasheet
3Mb / 21P
GIGA R1 WiFi
19/05/2023
logo
RAYEX ELECTRONICS CO., ...
R1-D1A0500 RAYEX-R1-D1A0500 Datasheet
58Kb / 2P
R1 SERIES
logo
Nexperia B.V. All right...
PEMD48 NEXPERIA-PEMD48_V01 Datasheet
1Mb / 17P
NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k and R1 = 2.2 k, R2 = 47 k
Rev. 6 - 24 January 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com