Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSRFVG3393 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LSRFVG3393
Description  DUAL COLOR LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRFVG3393 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSRFVG3393 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRFVG3393 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRFVG3393 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRFVG3393 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRFVG3393 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRFVG3393 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Ambient Temperature(
℃)
Fig.3 Forward Voltage vs. Temperature
-40
0.8
-20
20
040
60
0.9
1.0
1.2
1.1
Fig.4 Relative Intensity vs. Temperature
Ambient Temperature(
℃)
0.0
80
100
-40
-20
020
3.0
2.5
2.0
1.0
1.5
0.5
100
60
40
80
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
SRF CHIP
Forward Voltage(V)
0.1
1.0
2.0
1.0
10
3.0
4.0
100
1000
Forward Current(mA)
Fig.2 Relative Intensity vs. Forward Current
1.5
1.0
0.5
0.0
5.0
1.0
10
3.0
2.5
2.0
100
1000
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.5 Relative Intensity vs. Wavelength
Wavelength (nm)
600
550
0.0
0.5
650
1.0
700
PART NO. LSRFVG3393
3/5
Page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com