Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSRFVG9553/TR1 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LSRFVG9553/TR1
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRFVG9553/TR1 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSRFVG9553/TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRFVG9553/TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRFVG9553/TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRFVG9553/TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRFVG9553/TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRFVG9553/TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRFVG9553/TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSRFVG9553/TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSRFVG9553/TR1 Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PART NO
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25
℃)
LSRFVG9553/TR1
Spectral
halfwidth
△λnm
Dominant
wave
length
λDnm
Luminous
intensity
@20mA(mcd)
Forward
voltage
@
mA(V)
Viewing
angle
2
θ 1/2
(deg)
Water Clear
GaP
Green
30
----
1.7
2.6
20
Emitted
AlGaInP
Red
MATERIAL
COLOR
Max.
Min.
Min.
20
630
2.4
80
1.5
20
120
44
Typ.
120
190
Absolute Maximum Ratings at Ta=25
℃
Reverse Current @5V
Soldering Temperature
Storage Temperature
Operating Temperature
Peak Forward Current
Duty 1/10@10KHz
Forward Current
Power Dissipation
Tsol
Max 260
℃ for 5 sec Max
Topr
Tstg
Ir
-40 ~ +85
-40 ~ +100
10
℃
℃
μA
IFP
PD
IF
90
120
75
100
30
30
Parameter
Symbol
Ratings
SRF
VG
mA
mW
mA
UNIT
PART NO. :
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LSRFVG9553/TR1
3/8
Page
Lens
Peak
wave
length
λPnm
----
565
Electrostatic Discharge
ESD
2000
V
---



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com