Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSRG42292-R8-PF Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LSRG42292-R8-PF
Description  DUAL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRG42292-R8-PF Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LSRG42292-R8-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRG42292-R8-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRG42292-R8-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRG42292-R8-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRG42292-R8-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRG42292-R8-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRG42292-R8-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
60 Seconds Max
0
Preheat
25°
2
° /sec
max
100
50
150
Time(sec)
Temp(
°C)
120°
260°
5
°/sec
max
260
°C3sec Max
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:2mm Min(From solder joint to body)
2.Wave Soldering Profile
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One Time)
Distance:2mm Min(From solder joint to body)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 5/6
LSRG42292/R8-PF
PART NO.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com