Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSRVG2093 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSRVG2093
Description  DUAL COLOR LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRVG2093 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSRVG2093 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRVG2093 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRVG2093 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRVG2093 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRVG2093 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRVG2093 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2/5
VG
Page
UNIT
SR
Symbol
LSRVG2093
Parameter
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Ratings
PART NO.
Absolute Maximum Ratings at Ta=25
℃
10
100
120
℃
℃
μA
mW
mA
100
100
IFP
Ir
PD
Topr
Tstg
Tsol
-40 ~ +85
Max 260
℃ for 5 sec Max
(2mm from body)
-40 ~ +100
Viewing
angle
2
θ 1/2
(deg)
30
30
Typ.
Min.
Luminous
intensity
@20mA(mcd)
Min. Max.
Forward
voltage
@20mA(V)
120
2.0
75
1.2
1.7
1.5
2.6
2.4
Lens
Peak
wave
length
λPnm
565
660
Emitted
MATERIAL
Green
Red
GaP
GaAlAs
Water Clear
COLOR
30
20
Spectral
halfwidth
△λnm
Operating Temperature
LSRVG2093
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25
℃)
PART NO
Soldering Temperature
Storage Temperature
Reverse Current @5V
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
30
mA
30
Forward Current
IF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com