Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDL-4770 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # ASDL-4770
Description  Property of Lite-On Only
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-4770 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  ASDL-4770 Datasheet HTML 1Page - Lite-On Technology Corporation ASDL-4770 Datasheet HTML 2Page - Lite-On Technology Corporation ASDL-4770 Datasheet HTML 3Page - Lite-On Technology Corporation ASDL-4770 Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

ASDL-4770
High Performance Side look AlGaAs/GaAs Infrared (940nm) Lamp
Data Sheet
Description
ASDL-4770 is a high performance Infrared emitter that
utilizes AlGaAs on GaAs LED technology. It is optimized
for high efficiency at emission wavelength of 940nm
and is designed for applications that require high radiant
intensity, low forward voltage at wide viewing angle.
The emitter is encapsulated in Side Look package with
spherical side view lens and is matched to ASDL-6770 for
maximum sensitivity.
Features
• Side Look Package
• 940nm wavelength
• Low Forward Voltage
• Narrow Viewing Angle
• Good Mechanical and Spectral matching to ASDL-6770
Infrared Phototransistor Detector
• Lead Free and ROHS Compliant
• Available in Tape & Reel
Applications
• Industrial Infrared Monitoring Applications
• Consumer Electronics (Optical Mouse)
• Infrared Source for Optical Counters and Card Readers
• Photo-Interrupters
• On-Off Switch / Beam Interruption
• Light Barriers


Similar Part No. - ASDL-4770

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4770 AVAGO-ASDL-4770 Datasheet
182Kb / 4P
High Performance Side look AlGaAs/GaAs Infrared (940nm) Lamp
ASDL-4770-C22 AVAGO-ASDL-4770-C22 Datasheet
182Kb / 4P
High Performance Side look AlGaAs/GaAs Infrared (940nm) Lamp
ASDL-4770-C41 AVAGO-ASDL-4770-C41 Datasheet
182Kb / 4P
High Performance Side look AlGaAs/GaAs Infrared (940nm) Lamp
More results

Similar Description - ASDL-4770

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com