Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDL-4772 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # ASDL-4772
Description  Property of Lite-On Only
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-4772 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  ASDL-4772 Datasheet HTML 1Page - Lite-On Technology Corporation ASDL-4772 Datasheet HTML 2Page - Lite-On Technology Corporation ASDL-4772 Datasheet HTML 3Page - Lite-On Technology Corporation ASDL-4772 Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image

Absolute Maximum Ratings at 25°C
Parameter
Symbol
Min.
Max
Unit
Reference
Peak Forward Current
IFPK

A
00pps
Continuous Forward Current
IFDC
50
mA
Power Dissipation
PDISS
75
mW
Reverse Voltage
VR
5
V
Operating Temperature
TO
-40
85
°C
Storage Temperature
TS
-55
00
°C
LED Junction Temperature
TJ
0
°C
Lead Soldering Temperature
60 °C for 5 sec
Electrical Characteristics at 25°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Forward Voltage
VF
.
.6
V
IFDC=0mA
Reverse Voltage
VR
5
V
IR=00uA
Thermal Resistance,
Junction to Ambient
RqJA
50
°C/W
Optical Characteristics at 25°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Radiant Intensity
IE
.0
.707
mW/Sr
IFDC=0mA
Viewing Angle
θ/
0
deg
Peak wavelength
λPK
940
nm
IFDC = 0mA
Spectral Width
Δλ
50
nm
IFDC = 0mA
Optical Rise Time
tr

us
IFPK=00mA
Duty Factor=50%
Pulse Width=0us
Optical Fall Time
tf

us
IFPK=00mA
Duty Factor=50%
Pulse Width=0us



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com