Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP112 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP112
Description  Digital Logic Isolation Line Receiver Switching Power Supply Feedback Control Transistor Invertor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP112 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP112 Datasheet HTML 1Page - Toshiba Semiconductor TLP112 Datasheet HTML 2Page - Toshiba Semiconductor TLP112 Datasheet HTML 3Page - Toshiba Semiconductor TLP112 Datasheet HTML 4Page - Toshiba Semiconductor TLP112 Datasheet HTML 5Page - Toshiba Semiconductor TLP112 Datasheet HTML 6Page - Toshiba Semiconductor TLP112 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLP112
2002-09-25
4
Test Circuit 1: Switching Time Test Circuit
Test Circuit 2: Common Mode Transient Immunity Test Circuit








µs
f
t
V
160
=
L
CΜ
,
µs
r
t
V
160
=
H
CΜ
VO
IF
5V
1.5V
0
VOL
tpLH
tpHL
1.5V
PW = 100μs
DUTY RATIO = 1 / 10
IF MONITOR
PULSE INPUT
OUTPUT
MONITOR
VO
VCC = 5V
RL
IF
1
3
4
6
5
IF
PULSE GENERATOR
ZO = 50Ω
VCM
OUTPUT
MONITOR
VO
VCC = 5V
1
3
4
5
6
RL
0V
VO
VCM
90%
5V
2V
0.8V
VOL
tr
tf
10%
VO
(IF = 16mA)
(IF = 0mA)
200V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com