Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP113 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP113
Description  Isolated Line Receiver Simplex / Multiplex Data Transmission Computer.Peripheral Interface Microprocessor System Interface Digital Isolation For A / D
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP113 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP113 Datasheet HTML 1Page - Toshiba Semiconductor TLP113 Datasheet HTML 2Page - Toshiba Semiconductor TLP113 Datasheet HTML 3Page - Toshiba Semiconductor TLP113 Datasheet HTML 4Page - Toshiba Semiconductor TLP113 Datasheet HTML 5Page - Toshiba Semiconductor TLP113 Datasheet HTML 6Page - Toshiba Semiconductor TLP113 Datasheet HTML 7Page - Toshiba Semiconductor TLP113 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLP113
2002-09-25
2
Maximum Ratings(Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
20
mA
Pulse forward current
(Note 1)
IFP
40
mA
Peak transient forward
current
(Note 2)
IFPT
1
A
Reverse voltage
VR
5
V
Output current
IO
25
mA
Output voltage
VO
7
V
Supply voltage
(1 minute maximum)
VCC
7
V
Output power dissipation
PO
40
mW
Operating temperature range
Topr
-40~85
°C
Storage temperature range
Tstg
-55~125
°C
Lead solder temperature (10s)
Tsol
260
°C
Isolation voltage
(AC, 1 min., RH ≤ 60%,
Note 4)
BVS
2500
Vrms
(Note 1) 50% duty cycle, 1ms pulse width.
(Note 2) Pulse width≤1µs, 300pps.
Recommende Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Input voltage, low level
VFL
-3
0
1.0
V
Input current, high level
IFH
13*
16
20
mA
Supply voltage
VCC
4.5
5
5.5
V
Fan out
(TTL load, each channel)
N
―
―
8
―
Operating temperature
Topr
0
―
70
°C
* 13mA is a guard banded value which allows for at least 20% CTR degradation.
Initial input current threshold value is 10mA or less.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com